Part Number Hot Search : 
NJU7018M QE1335M IECJ3200 S3P7295 9S203 ENA1003 00111 100301
Product Description
Full Text Search
 

To Download 2SB656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SB656
DESCRIPTION With TO-3 package High power dissipation APPLICATIONS For use in power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -160 -160 -5 -12 -4 125 150 -55~150 ae ae UNIT V V V A A W
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SB656
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ;IB=0
-160
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA ;IE=0
-160
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-10A; IB=-1A
-3.0
V
ICBO
Collector cut-off current
VCB=-160V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-0.1
mA
hFE
DC current gain
IC=-1A ; VCE=-5V
60
200
fT
Transition frequency
IC=-1A ; VCE=-10V
20
MHz
hFE Classifications B 60-120 C 100-200
2
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB656
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X